PART |
Description |
Maker |
IRFR9014 IRFU9014 IRFR9014TRL |
HEXFET Power MOSFET HEXFET功率MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D-Pak package -60V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-60V Rds(on)=0.50ohm Id=-5.1A) Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 5.1A
|
IRF[International Rectifier] Samsung semiconductor International Rectifier, Corp.
|
IRF054 IRF054-15 |
60V Single N-Channel Hi-Rel MOSFET in a TO-204AE package HEXFET?TRANSISTORS 60V, N-CHANNEL REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE) 重复性雪崩和DV /受好评的HEXFET三极管通孔(TO-204AA/AE DT)的 Repetitive Avalanche Ratings
|
http:// International Rectifier, Corp.
|
IRFZ24VL IRFZ24VS |
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRFIZ48V IRFIZ48 IRFIZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
|
IRF[International Rectifier]
|
IRFP064V |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=5.5mohm, Id=130A?
|
Power MOSFET International Rectifier
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRFD024 |
60V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier
|
IRF1010EZSTRLP |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRFR7540PBF |
60V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier
|